Part Number Hot Search : 
CBTS3257 SR5413 20F48N UFDB120 UPD71071 16373 MAX3182E A5518
Product Description
Full Text Search
 

To Download MAL213214102E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 132/133 ALL-DIN
Vishay BCcomponents
Aluminum Capacitors Axial Long Life, DIN-Based
FEATURES
* Polarized aluminum non-solid electrolyte electrolytic capacitors,
Fig.1 Component outlines
042/043 ASH
high voltage
* Axial leads, cylindrical aluminum case, insulated RoHS COMPLIANT with a blue sleeve * Mounting ring version not available in insulated form * Taped versions up to case O 15 x 30 mm available for automatic insertion * Charge and discharge proof * Long useful life: up to 10 000 to 15 000 hours at 85 C, high reliability * Lead (Pb)-free versions are RoHS compliant
119 AHT 120 ATC
138 AML 021 ASM
smaller dimensions
132/133 ALL-DIN
longer life
APPLICATIONS
* General industrial, power supplies, telecommunication, EDP * Coupling, decoupling, timing; smoothing, filtering and buffering in SMPS * For use where low mounting height is important * Vibration and shock resistant
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Endurance test at 85 C Useful life at 105 C Useful life at 85 C Useful life at 40 C, 1.8 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 2000 hours 6000 hours 3000 hours 10 000 hours 160 000 hours VALUE 6.5 x 18 and 8 x 18 10 x 18 and 10 x 25 1 to 4700 F - 10 to + 50 % 10 to 350 V - 40 to + 85 C 2000 hours 8000 hours 3000 hours 15 000 hours 240 000 hours 500 hours IEC 60384-4/EN130300 40/085/56 8000 hours 15 000 hours 240 000 hours 10 x 30 to 21 x 38
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (T for - 10 to + 50 %) * Rated voltage (in V) * Upper category temperature (85 C) * Date code, in accordance with IEC 60062 * Code for factory of origin * Name of manufacturer * Band to indicate the negative terminal * `+' sign to identify the positive terminal * Series number (132 or 133)
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1.0 2.2 4.7 10 22 UR (V) 10 16 25 6.5 x 18 40 63 6.5 x 18 6.5 x 18 8 x 18 100 6.5 x 18 6.5 x 18 6.5 x 18 8 x 18 10 x 18 160 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 (1) 250 8 x 18 10 x 18 10 x 25 10 x 30 (1) 12.5 x 30 (1) 350 6.5 x 18 8 x 18 8 x 18 12.5 x 30 (1) -
Note (1) For these CV-values see data sheet 041 - 043 ASH. www.vishay.com 216 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28366 Revision: 18-Apr-08
132/133 ALL-DIN
Aluminum Capacitors Axial Long Life, DIN-Based
Vishay BCcomponents
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D X L in mm)
CR (F) 47 68 100 150 220 330 470 UR (V) 10 8 x 18 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 30 18 x 38 21 x 38 16 6.5 x 18 8 x 18 10 x 18 10 x 25 12.5 x 30 10 x 25 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 25 10 x 25 12.5 x 30 12.5 x 30 12.5 x 30 18 x 30 18 x 30 18 x 38 21 x 38 40 8 x 18 10 x 18 12.5 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 63 10 x 18 10 x 30 10 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 100 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 160 15 x 30 (1) 15 x 30 (1) 18 x 30 (1) 18 x 38 (1) 21 x 38 (1) 250 18 x 30 (1) 18 x 38 (1) 21 x 38 (1) 350 18 x 38 (1) 21 x 38 (1) -
680 1000 1500 2200 3300 4700 Note (1) For these CV-values see data sheet 041-043 ASH.
DIMENSIONS IN MILLIMETERS AND AVAILABLE FORMS
73 1.6 OD L Od
I L 33 1
OD
+
Form BR: Taped on reel case O D x L = 6.5 x 18 to 15 x 30 mm Form BA: Taped in box (ammopack) case O D x L = 6.5 x 18 to 10 x 25 mm
F
F
Form AA: Axial in box case O D x L = 10 x 30 to 21 x 38 mm
Fig.2 Forms BA and BR
Table 1
Fig.3 Form AA
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 4 5 6 7 00 01 02 03 04 05 AXIAL FORM AA, BA, and BR Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 I 55 1 55 1 55 1 55 1 34 1 34 1 O Dmax. 6.9 8.5 10.5 10.5 10.5 13.0 15.5 18.5 18.5 21.5 Lmax. 18.5 18.5 18.5 25.5 30.5 30.5 30.5 30.5 39.5 39.5 Fmin. 25 25 25 30 35 35 35 35 44 44 MASS (g) 1.3 1.7 2.5 3.3 4.8 7.4 11.7 12.9 19.0 24.0 PACKAGING QUANTITIES FORM AA 340 260 200 120 125 100 FORM BA 1000 500 500 500 FORM BR 1000 500 500 500 500 400 250 -
Note Detailed tape dimensions see section `PACKAGING'. Document Number: 28366 Revision: 18-Apr-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 217
132/133 ALL-DIN
Vishay
Aluminum Capacitors Axial Long Life, DIN-Based
D 120 C (3 x) D3 90 2 (3 x) 1.05 + 0.03 (3 x) - 0.1 d2 1.3 + 0.1 (3 x) 0 Mounting holes O d1 Case O D x L = 15 x 30 to 21 x 38 mm Case not insulated (insulation on request) Especially for applications with severe shocks and vibrations O D2 1.3 + 0 (3 x) - 0.05 3.6 + 0.2 - 0.2 L
+ 1.0 - 0.5
Fig.4
Mounting hole digram and outline; Form MR: With mounting ring and pins
Table 2
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 02 03 04 05 MOUNTING RING: FORM MR O d1 0.8 0.8 0.8 0.8 O d2 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 O Dmax. 15.5 18.5 18.5 21.5 O D2max. 17.5 19.5 19.5 22.5 D3 16.5 0.2 18.5 0.2 18.5 0.2 21.5 0.2 Lmax. 33 33 42 42 MASS (g) 11.7 12.9 19.0 24.0 PACKAGING QUANTITIES 200 240 100 100
ELECTRICAL DATA
SYMBOL CR IR IL5 tan ESR Z Note Unless otherwise specified, all electrical values in Table 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. DESCRIPTION rated capacitance at 100 Hz, tolerance - 10/+ 50 % rated RMS ripple current at 100 Hz, 85 C max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz equivalent series resistance at 100 Hz (calculated from tan max. and CR) max. impedance at 10 kHz
ORDERING EXAMPLE
Electrolytic capacitor 132 series 100 F/40 V; - 10/+ 50 % Nominal case size: O 10 x 18 mm; Form BR Ordering code: MAL213227101E3 Former 12NC: 2222 132 27101
www.vishay.com 218
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28366 Revision: 18-Apr-08
132/133 ALL-DIN
Aluminum Capacitors Axial Long Life, DIN-Based
Table 3
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) IR NOMINAL CR CASE SIZE 100 Hz 100 Hz ODxL 85 C (F) (mm) (mA) 220 470 680 1000 1500 2200 3300 4700 47 100 220 330 330 470 470 680 1000 1500 2200 3300 4700 22 220 220 330 470 680 1000 1500 2200 47 100 150 150 220 330 470 680 1000 1500 2200 4.7 10 22 47 68 68 100 150 220 330 470 680 1000 8 x 18 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 8 x 18 10 x 18 10 x 25 12.5 x 30 10 x 25 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 6.5 x 18 10 x 25 12.5 x 30 12.5 x 30 12.5 x 30 18 x 30 18 x 30 18 x 38 21 x 38 8 x 18 10 x 18 10 x 25 12.5 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 6.5 x 18 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 10 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 190 350 460 640 800 1100 1300 1800 95 150 250 320 320 450 450 550 780 950 1300 1600 2300 60 340 340 410 560 700 1000 1100 1850 120 210 310 310 410 550 700 900 1200 1500 1900 38 64 100 170 210 210 300 350 520 600 970 1000 1600 ORDERING CODE MAL2....... IL5 5 min (A) 8.4 9.4 13.6 20 30 44 66 94 5.5 7.2 11 14.6 10.6 19 15 22 32 48 70 110 150 5.1 15 11 16.5 24 34 50 75 110 7.8 12 16 12 17.5 26 38 54 80 120 180 4.6 5.3 6.8 9.9 12.6 8.6 12.6 19 28 42 59 86 130 tan 100 Hz 0.18 0.18 0.18 0.18 0.22 0.22 0.27 0.27 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.15 0.15 0.15 0.15 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.12 0.13 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.10 0.10 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 Z Z ESR 100 Hz 10 kHz 100 kHz () () () 1.3 0.61 0.42 0.28 0.23 0.16 0.13 0.09 4.7 2.2 1.0 0.67 0.67 0.47 0.47 0.33 0.22 0.16 0.11 0.07 0.05 8.0 0.8 0.8 0.53 0.37 0.26 0.17 0.13 0.09 3.0 1.4 0.95 0.95 0.65 0.43 0.30 0.21 0.14 0.10 0.07 24 11 5.1 2.4 1.6 1.6 1.1 0.74 0.50 0.34 0.24 0.16 0.11 0.73 0.26 0.20 0.12 0.10 0.09 0.05 0.05 2.6 1.2 0.55 0.36 0.36 0.26 0.26 0.14 0.12 0.10 0.06 0.05 0.05 4.1 0.40 0.40 0.30 0.20 0.10 0.10 0.06 0.05 1.6 0.75 0.50 0.50 0.34 0.20 0.16 0.10 0.08 0.06 0.05 12 5.5 2.5 1.2 0.81 0.80 0.60 0.37 0.25 0.15 0.12 0.08 0.06 0.70 0.60 0.40 2.2 1.1 0.55 0.36 0.60 0.26 0.40 2.9 0.40 0.60 0.40 1.4 0.75 0.50 0.60 0.40 5 3.3 2.1 1.2 0.60 0.60 0.40 IN BOX FORM AA 13214471E3 13214681E3 13214102E3 13214152E3 13214222E3 13214332E3 13214472E3 13215331E3 13215471E3 13215681E3 13215102E3 13215152E3 13215222E3 13215332E3 13215472E3 13216221E3 13216331E3 13216471E3 13216681E3 13216102E3 13216152E3 13216222E3 13217151E3 13217221E3 13217331E3 13217471E3 13217681E3 13217102E3 13217152E3 13217222E3 13218689E3 13218101E3 13218151E3 13218221E3 13218331E3 13218471E3 13218681E3 13218102E3 TAPED ON REEL FORM BR 13224221E3 13224471E3 13224681E3 13224102E3 13225479E3 13225101E3 13225221E3 13290508E3 13225331E3 13290507E3 13225471E3 13225681E3 13225102E3 13226229E3 13290503E3 13226221E3 13226331E3 13226471E3 13227479E3 13227101E3 13290511E3 13227151E3 13227221E3 13227331E3 13227471E3 13228478E3 13228109E3 13228229E3 13228479E3 13290513E3 13228689E3 13228101E3 13228151E3 13228221E3 TAPED IN BOX FORM BA 13234221E3 13235479E3 13235101E3 13235221E3 13290509E3 13290502E3 13236229E3 13290504E3 13237479E3 13237101E3 13290512E3 13238478E3 13238109E3 13238229E3 13238479E3 13290514E3 MOUNTING RING FORM MR 13244102E3 13244152E3 13244222E3 13244332E3 13244472E3 13245681E3 13245102E3 13245152E3 13245222E3 13245332E3 13245472E3 13246681E3 13246102E3 13246152E3 13246222E3 13247331E3 13247471E3 13247681E3 13247102E3 13247152E3 13247222E3 13248151E3 13248221E3 13248331E3 13248471E3 13248681E3 13248102E3 www.vishay.com 219
10
16
25
40
63
Document Number: 28366 Revision: 18-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
132/133 ALL-DIN
Vishay
Aluminum Capacitors Axial Long Life, DIN-Based
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) IR NOMINAL CR CASE SIZE 100 Hz 100 Hz ODxL 85 C (F) (mm) (mA) 1 2.2 4.7 10 22 47 47 68 100 150 220 330 470 2.2 4.7 10 22 2.2 4.7 10 1 2.2 4.7 6.5 x 18 6.5 x 18 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 6.5 x 18 8 x 18 10 x 18 10 x 25 8 x 18 10 x 18 10 x 25 6.5 x 18 8 x 18 8 x 18 20 30 48 73 130 220 220 250 380 400 660 700 1200 22 37 61 120 25 37 66 15 25 43 ORDERING CODE MAL2....... IL5 5 min (A) 4.0 4.4 4.9 6 8.4 13.4 9.4 13.5 20 30 44 66 94 20 20 20 20 20 20 20 20 20 20 tan 100 Hz 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 Z Z ESR 100 Hz 10 kHz 100 kHz () () () 95 43 20 9.5 4.3 2.0 2.0 1.4 0.95 0.64 0.43 0.29 0.20 72 34 16 7.2 72 34 16 160 72 34 45 20 9.6 4.5 2 1 1 0.80 0.50 0.35 0.20 0.15 0.10 55 26 12 5.5 50 23 11 100 45 21 6 5 4 2.8 1.3 0.90 0.90 30 20 10 2.5 30 16 9 40 28 15 IN BOX FORM AA 13219479E3 13219689E3 13219101E3 13219151E3 13219221E3 13219331E3 13219471E3 TAPED ON REEL FORM BR 13229108E3 13229228E3 13229478E3 13229109E3 13229229E3 13290505E3 13229479E3 13229689E3 13229101E3 13321228E3 13321478E3 13321109E3 13390502E3 13323228E3 13323478E3 13323109E3 13325108E3 13325228E3 13390511E3 TAPED IN BOX FORM BA 13239108E3 13239228E3 13239478E3 13239109E3 13239229E3 13290506E3 13331228E3 13331478E3 13331109E3 13390503E3 13333228E3 13333478E3 13333109E3 13335108E3 13335228E3 13390509E3 MOUNTING RING FORM MR 13249101E3 13249151E3 13249221E3 13249331E3 13249471E3 -
100
160
250
350
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current CONDITIONS VALUE AXIAL Us 1.15 x UR Us 1.1 x UR Urev 1 V MOUNTING RING
UR = 10 to 250 V UR = 350 V
After 1 minute: Case O D x L = 6.5 x 18 to 10 x 25 mm: UR = 10 to 100 V UR = 160 to 350 V Case O D x L = 10 x 30 to 21 x 38 mm: UR = 10 to 100 V After 5 minutes: Case O D x L = 6.5 x 18 to 10 x 25 mm: UR = 10 to 100 V UR = 160 to 350 V Case O D x L = 10 x 30 to 21 x 38 mm: UR = 10 to 100 V Case O D x L mm: 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38
IL1 0.01 CR x UR + 3 IL1 50 A IL1 0.006 CR x UR + 3 IL5 0.002 CR x UR + 4 IL5 20 A IL5 0.002 CR x UR + 4 A
Inductance Equivalent series inductance (ESL)
typ. 15 nH typ. 35 nH typ. 69 nH typ. 38 nH typ. 38 nH typ. 46 nH typ. 48 nH typ. 50 nH typ. 54 nH typ. 59 nH
typ. 39 nH typ. 39 nH typ. 39 nH typ. 39 nH
www.vishay.com 220
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28366 Revision: 18-Apr-08
132/133 ALL-DIN
Aluminum Capacitors Axial Long Life, DIN-Based
Vishay BCcomponents
CAPACITANCE (C)
1.05 C C0 1.00 2
1.10 C C0 1.05 1.00
1 3 2
0.95 0.90
3
0.95 0.90
2 3 1 0.85 Curve 1: 10 V Curve 2: 63 V Curve 3: 100 V 0.80 0.75 - 40 0 40 80 Tamb (C) 10 10 2 10 3 f (Hz) 10 4 Curve 1: 10 V Curve 2: 63 V Curve 3: 100 V 1
0.85
C0 = capacitance at 20 C, 100 Hz
C0 = capacitance at 20 C, 100 Hz
Fig.5 Typical multiplier of capacitance as a function of ambient temperature at 10 kHz
Fig.6 Typical multiplier of capacitance as a function of frequency
DISSIPATION FACTOR (tan )
10 tan 1 Curve 1: 16 V Curve 2: 100 V
10 tan 1 2 Curve 1: 16 V Curve 2: 100 V 1
10-1 1 2 10-2 - 60 - 40 - 20 0 20 40 60 80 100 Tamb (C) f = 100 Hz
10 -1
10 -2 10 10 2 103 f (Hz) 104
Case O D x L = 6.5 x 18 to 10 x 25 mm
Case O D x L = 6.5 x 18 to 10 x 25 mm
Fig.7 Typical tan as a function of ambient temperature
Fig.8 Typical tan as a function of frequency
Document Number: 28366 Revision: 18-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 221
132/133 ALL-DIN
Vishay
Aluminum Capacitors Axial Long Life, DIN-Based
IMPEDANCE (Z)
102 Z () 10 1 1 2 10 -1 Curve 1: 47 F, 100 V Curve 2: 47 F, 16 V Curve 3: 150 F, 16 V Curve 4: 220 F, 16 V Curve 5: 470 F, 16 V - 40 - 20 0 20 40 60 3 4 5 10 10 3 Z () 10 2 Curve 1: 47 F, 100 V Curve 2: 47 F, 16 V Curve 3: 150 F, 16 V Curve 4: 220 F, 16 V Curve 5: 470 F, 16 V
1
2 3 4 1 5
10 -2 - 60 80 100 Tamb (C) f = 10 Hz
10-1 10 2 103 104 105 f (Hz) 10 6
Case O D x L = 6.5 x 18 to 10 x 25 mm
Case O D x L = 6.5 x 18 to 10 x 25 mm
Tamb (C)
Fig.9 Typical impedance as a function of ambient temperature
Fig.10 Typical impedance as a function of frequency
RIPPLE CURRENT AND USEFUL LIFE
3.3 IA IR 3.2 3.1 3.0 CCC205
2.8
2.6
2.4 lifetime multiplier 2.2
0 1.
2.0
0 2.
5 1.
1.8
0 4.
0 3.
1.6 1.4
15
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 85 C
(1) Useful
6 .0 10
1.2 1.0 0.8 0.5 0.0
30
20
(1)
life at 85 C and IR applied: case D x L = 6.5 x 18 to 8 x 18 mm: 10 000 hours case D x L = 10 x 18 to 21 x 38 mm: 15 000 hours
50
40
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load
70
50
60
70
80
90
100 T amb (C)
www.vishay.com 222
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28366 Revision: 18-Apr-08
132/133 ALL-DIN
Aluminum Capacitors Axial Long Life, DIN-Based
Table 4
Vishay BCcomponents
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 10 and 16 V 0.95 1.00 1.07 1.12 1.15 1.20 UR = 25 and 63 V 0.90 1.00 1.12 1.20 1.25 1.30 UR = 100 to 350 V 0.85 1.00 1.20 1.30 1.35 1.40
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied; Case O D x L = 6.5 x 18 to 8 x 18 mm: 6000 hours; Case O D x L = 10 x 18 to 21 x 38 mm: 8000 hours REQUIREMENTS UR = 10 to 160 V; C/C: 15 % UR = 250 to 350 V; C/C: 10 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit Useful life CECC 30301 subclause 1.8.1 Tamb = 85 C; UR and IR applied; Case O D x L = 6.5 x 18 to 8 x 18 mm: 10 000 hours; Case O D x L = 10 x 18 to 21 x 38 mm: 15 000 hours UR = 10 to 160 V; C/C: 45 % UR = 250 to 350 V; C/C: 30 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours; After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit
Document Number: 28366 Revision: 18-Apr-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 223
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL213214102E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X